1 2 3 15.8 0.2 8.0 0.2 6.5 0.3 4.9 0.25 21 0.5 20.4 0.4 pin 2.2 0.15 3.0 0.1 5.4 0.15 1.2 0.15 0.6 0.1 5.0 0.15 2.0 0.15 2.4 0.2 |?3 . 6 0 . 1 5 position: any m ax i m um rat i ng s and e l e ct r i cal charact e ri s t i cs r a t i n g s a t 2 5 am bi ent t em per a t ur e unl e s s ot he r w i s e s pec i f i ed. uni t s m a x i m u m r e c u r r e nt p eak r e v e r s e v o l t age v rrm v m a x i mu m r ms v o l t a g e v r m s v m a x i m um d c bl o c k i ng v ol t ag e v dc v m a x i m um a v e r ag e f or w ar d t o t a l dev i c e 11 111 11 1 m r e c t if ie d c u r r e n t @ t c = 1 2 5 c i f (a v ) a p e ak f o r w ar d s u r ge c u r r e nt 8.3m s s i ng l e ha l f b s i ne - w a v e s u pe r i m p o s e d on r a ted l o a d i f s m a m a x i m u m f o r w a r d ( i f = 8.0 a , t c = 2 5 ) v o l t a g e per l e g ( n o t e 1 ) ( i f = 8.0 a , t c = 1 2 5 ) m a x i m u m r e v e r s e c u r r ent @ t c = 2 5 at r a ted d c bl o c k i ng v o l t ag e @ t c = 1 2 5 m a x i m u m t h e r m a l r e s i s t a n c e (note 2) r j c /w o p e r a t i ng j u n c t i o n t e m p e r at u r e r a n g e t j s t o r a ge te m pe r atu r e r an g e t st g 2 . t h er m a l r e s i s t a n c e f r om j u n c t i on t o c a s e and t her m a l r e s i s t a n c e f r om j u n c t i on t o a m b i e n t . m a 35 45 50 60 1 6 . 0 150. 0 2 5 32 35 42 m b r 1 6 60 p t m b r 1 6 45 p t m b r 1 6 50 p t 35 45 50 60 v o l t a g e r a n g e: 3 5 - 6 0 v curr e n t : 1 6 a metal sili con junc tion, ma jority c arrier conduction. case:jedec TO-3P,molded plastic body high cu rrent capa city, lo w fo rward vo l tage drop. n o t e : 1 . p u l s e t e s t: 3 0 0 s pu l s e w i d t h , 1% d u t y c y c l e. - 5 5 - --- + 17 5 - 5 5 - --- + 15 0 te rmina l s:lead s , so lderab l e per m il-std-750, 1 1 method 2026 i r v f 0 . 2 1 . 0 1.5 TO-3P m b r 1 6 35 p t gua rd ring for o ver volt age p rot ection. high su rge capac ity. f or use i n l ow vo ltage, hig h fr equency i n ve rt ers , fr ee 11 1wheeli ng, and polar ity pro tec tion applicat ion s . polarity: a s m arked weight: 0.223 ounce, 6.3 grams 40 50 v 0 . 63 0 . 57 0 . 75 0 . 65 dimensions in millimeters mbr1635pt-mbr1660pt dual schottky rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
0 mbr1635pt-mbr1645pt mbr1650pt-mbr1660pt 0.3 0.6 1.0 0.01 0.1 1 0.1 0.2 0.70.50.4 0.8 0.9 1.1 1.2 10 pulse width=300 s 1% duty cycle 40 t j =125 t j =25 25 150 1 10 100 125 100 75 50 175 t j =t j max. 8.3ms single half sine wave (jedec method) 20 16 12 8 4 0 0 50 100 150 resistive or inductive load 0 20 40 60 80 100 0.01 0.1 1 10 0.001 40 mbr1635pt-mbr1645pt mbr1650pt-mbr1660pt t j =125 t j =75 t j =25 average forward current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current,milliamperes fig.3 -- typical instantaneous forward characteristic perleg fig.4 -- typical reverse characteristics 111 case temperature percent of rated peak reverse voltage, fig.1 -- forward current derating curve fig.2 -- maximum non-repetitive peak forward surge current perleg number of cycles at 60hz instantaneous forward voltage,volts mbr1635pt-mbr1660pt dual schottky rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn
|